PART |
Description |
Maker |
M50-4302045 |
1.27mm PITCH DIL VERTICAL SMT SOCKET ASSY
|
Harwin Plc
|
M50-3113042 M50-3111542 M50-3112042 M50-3115042 |
1.27mm PITCH DIL VERTICAL SMT SOCKET ASSY WITH POSTS
|
Harwin Plc
|
M50-3502742 HARWININC-M50-3501942 |
1.27mm Pitch DIL Vertical PC Tail Pin Header, selective gold tin, 27 27-way 54 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M50-360-142 M50-36011 M50-3601142 M50-3603042 |
1.27mm Pitch DIL Vertical SMT Pin Header, selective gold tin, 11 11-way 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 1.27mm Pitch DIL Vertical SMT Pin Header, selective gold tin, 30 30-way 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin Plc
|
M50-3112542 M50-3113542 M50-3111242 M50-3115042 M5 |
1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, selective gold tin, 25 25-way 50 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, selective gold tin, 35 35-way 70 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, selective gold tin, 12 12-way 24 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, selective gold tin, 50 50-way 100 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, selective gold tin, 30 30-way 60 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Harwin PLC
|
M50-3152542P |
1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, low profile, selective gold tin, 25 25-way, pick & place (tube packing) 25 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Harwin PLC
|
M50-4801545 |
1.27mm PITCH DIL HORIZONTAL PIN HEADER ASSY
|
Harwin Plc
|
M50-4803745 M50-4803845 M50-4802545 M50-4802045 |
1.27mm Pitch DIL Horizontal PC Tail Pin Header, single polarised, gold, 37 37-way 74 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 1.27mm Pitch DIL Horizontal PC Tail Pin Header, single polarised, gold, 38 38-way 76 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 1.27mm Pitch DIL Horizontal PC Tail Pin Header, single polarised, gold, 25 25-way 50 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 1.27mm Pitch DIL Horizontal PC Tail Pin Header, single polarised, gold, 20 20-way
|
Harwin PLC HARWIN INC
|
M22-7140542 |
2.00mm PITCH DIL VERTICAL SOCKET ASSEMBLY
|
List of Unclassifed Man...
|
M80-8872001 M80-8872005 M80-88720T6 M80-8872601 M8 |
DATAMATE 2mm PITCH DIL VERTICAL PC TAIL SOCKET ASSEMBLY
|
Harwin Plc
|
M22-6340342 M22-6342542 M22-6342142 M22-6341442 M2 |
2.00 mm PITCH DIL SMT LOW PROFILE SKT ASSEMBLY 2.00mm Pitch DIL Vertical SMT Socket Assembly, selective gold tin, 21 21-way 21 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 2.00mm Pitch DIL Vertical SMT Socket Assembly, selective gold tin, 14 14-way 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 2.00mm Pitch DIL Vertical SMT Socket Assembly, selective gold tin, 16 16-way 16 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Harwin Plc
|
|